Part Number Hot Search : 
LAN91 P3500LA MMBZ4619 SK25UH12 LV5068V GRM31C 54200476 KBPC3504
Product Description
Full Text Search
 

To Download 9117 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  28 coto technology (usa) tel: (401) 943-2686 / fax (401) 942-0920  (europe) tel: +31-45-5439343 / fax +31-45-5427216 miniature molded sip reed relays the 9012 package dimensions are 47% smaller than standard 9000 sips, yet the relay retains the 10w switch ratings of its larger counterparts. the 9011 package dimensions are 65% smaller than the standard 9000 sips and incorporates coto?s 7mm switch rated at 3w. the 9117 goes one step further, reducing package size by 65% from standard 9000 sips. this is the smallest sip footprint with a 3w rating. these minia- ture sip relays are ideal for use in ate applications and other high reliability test, measurement and telecommunications applications where high board density and long life are key requirements. series features  9012 is a 10w sip relay (.400? x .150? x .400?)  9011 is a 3w sip relay (.400? x .150? x .265?)  9117 is the smallest 3w sip relay (.270? x .150? x .385?)  magnetic shielding reduces interaction  optional coil suppression diode protects coil drive circuits  ul file # e67117 (9117 ul pending)  high insulation resistance 10 12 ? minimum.  high speed switching  molded thermoset body on integral lead frame design  high reliability, hermetically sealed contacts for long life 9011, 9012 & 9117 miniature sip relays model 9011 model 9012 dimensions in inches (millimeters) model 9117 30 o 2
29 for most recent data, consult the coto technology website: www.cotorelay.com  e-mail: sales@cotorelay.com notes: 1 consult factory for life expectancy at other switching loads. resistance >0.5 ? defines end of life or failure to open. 2 optional diode is connected to pin #2 (+) and pin #3(-) for 9011 & 9012; pin #1(+) and pin #2(-) for 9117. correct coil polarity must be observed. 3 consists of 20v zener-diode and 1n1002 diode in series, connected in parallel with coil. 4 9011 & 9117 external mag shield. 9012 internal mag shield. 9011, 9012 & 9117 miniature sip relays environmental ratings: storage temp: -35c to + 100c; operating temp: -20c to + 85c solder temp: 270c max; 10 sec. max the operate and release voltage and the coil resistance are specified at 25c. these values vary by approximately 0.4%/ c as the ambient temperature varies. vibration: 20 g?s to 2000 hz; shock: 50 g?s top view: grid = .1"x.1" (2.54mm x 2.54mm)


▲Up To Search▲   

 
Price & Availability of 9117

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X